Part Number Hot Search : 
STS8205 8N80C 4511B 28F00 SCS205KG HEF4010 250BZX RL3705N
Product Description
Full Text Search
 

To Download E3X-NH21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fine Tuning Fiber Photoelectric Sensor
High-precision Sensing with Auto- and Manual-tuning
Solves All the Problems of Conventional Models Suitable for high-precision positioning using the fine sensitivity adjustment function. Manual-tuning allows threshold adjustments while sensing objects are moving. Operation conditions can be seen at a glance through the incident level indicators and threshold indicators. Auto-tuning feature incorporates an automatic sensitivity compensation function ensuring an optimum margin for changes in sensing objects or ambient environments. Offers the longest sensing distance. Newly added mark-sensing models (blue LED).
E3X-NH
Ordering Information
Amplifier Units
Item Output Model Appearance General-purpose models
NPN PNP
Timer-function models
NPN PNP
Mark-sensing models
NPN
E3X-NH11
E3X-NH41
E3X-NH21
E3X-NH51
E3X-NHB11
Light source (Wave length) Power supply voltage Current consumption Output Control output
Red LED (680 nm) 12 to 24 VDC 10%, ripple (p-p) 10% max. 75 mA max. NPN open collector, load current: 50 mA max., A residual voltage: 1 V max. PNP open collector, load current: 50 mA max., A residual voltage: 1 V max. NPN open collector, load current: 50 mA max., A residual voltage: 1 V max. PNP open collector, load current: 50 mA max., A residual voltage: 1 V max.
Blue LED (470 mm)
Alarm output
NPN open collector, load current: 50 mA max., , residual voltage: id l lt 1 V max.
Circuit protection Response time Sensitivity setting Fine sensitivity adjustment Timer function
Output short-circuit, reverse polarity, mutual interference prevention 1 ms max. for operation and reset respectively Teaching method Automatic or manual fine threshold adjustment (13 levels) --OFF-delay timer set to 40 ms ---
1
E3X-NH Fiber Units
Through-beam/Slot Sensors
Indicates models that allow free cutting. Models without this mark do not allow free cutting. : E3X-NHB : E3X-NH
Application Features Appearance Sensing distance (mm) * (Values in parentheses: when using the E39-F1 Lens Unit)
700 (2,000) 90 (250) 700
3-mm dia.
E3X-NH
Standard object (min. sensing object: opaque) 1.4-mm dia. (0.06-mm dia.)
Model
Permissible bending radius
Long distance
M4
M4 screw
E32-T11L
25 mm
3 dia.
90
E32-T12L
M3
M3 screw
200
0.9-mm dia. (0.04-mm dia.)
E32-T21L E32-T22L
2 dia.; small diameter
200
2-mm dia.
M14; with lens; ideal for explosion-proof applications General-purpose M4
14,000
M4 screw
2,000 400 (3,000) 55 (420) 360 55
10-mm dia. (0.2-mm dia.) 1.0-mm dia. (0.04-mm dia.)
E32-T17L
E32-TC200
25 mm
M4 screw
M3; possible to mount the reflective side-view conversion attachment E39-F5 M3; for detecting minute sensing objects Thin fiber 2 dia.; for detecting minute sensing objects 1.2 dia.; with sleeve
E32-TC200A
M3 screw
M3 screw
100
0.5-mm dia. (0.04-mm dia.) 0.5-mm dia. (0.04-mm dia.) 1.0-mm dia. (0.04-mm dia.)
E32-TC200E
E32-T22
25 mm
2-mm dia. 90 mm (40 mm) 1.2 dia.
100
400
M4 screw ( ): E32-TC200B4
E32-TC200B E32-TC200B4
55
0.9 dia.; with sleeve
90 mm (40 mm)
0.9 dia.
M3 screw
( ): E32-TC200F4
100
0.5-mm dia. (0.04-mm dia.) 1-mm dia. (0.1-mm dia.) 0.5-mm dia. (0.1-mm dia.)
360
E32-TC200F E32-TC200F4 E32-T11R E32-T21R E32-T11 4 mm 1 mm
Flexible (resists breaking) (R1)
Possible to bend like electric wires (R1);
M4 screw
280 (2,100) 60
M3 screw
Flexible (resists breaking) (R4);
Ideal for mounting on moving sections (R4)
M4 screw
1.0-mm dia. (0.04-mm dia.)
50
M3 screw
100
0.5-mm dia. (0.04-mm dia.)
E32-T21
Side-view
Long distance; space-saving
3-mm dia.
240 30
1.0-mm dia. (0.08-mm dia.)
E32-T14L
25 mm
Suitable for detecting minute sensing objects Screw-mounting type
1-mm dia.
0.5-mm dia. (0.04-mm dia.)
90
E32-T24
1,800 200
4.0-mm dia. (0.08-mm dia.)
E32-T14
Note:
1. 2. 3. 4. *
For common specifications of the Fiber Unit, refer to page 6. The size of standard sensing object is the same as the fiber core diameter (lens diameter for models with lens). The sensing distance of the minimum sensing object indicates the rated sensing distance unless otherwise specified. Curled-cord models are also available for through-beam and reflective models. Sensing distance indicates values for white paper.
2
E3X-NH
Indicates models that allow free cutting. Models without this mark do not allow free cutting. : E3X-NHB : E3X-NH
Applicatio n Features Appearance Sensing distance (mm) *1 (Values in parentheses: when using the E39-F1 Lens Unit) Standard object (min. sensing object: opaque) 4.0-mm dia. (0.12-mm dia.) Model
E3X-NH
Permissible bending radius 40 mm
Chemicalresistant
Teflon-covered*4; withstands chemicals and harsh environments (operating ambient temperature: -30j to 70j C C) Teflon covered*4 ; side-view; withstands chemicals and harsh environments (operating ambient temperature: -30j to 70j C C)
E32-T12F
1,600 5-mm dia. 220
5-mm dia. 200
3.0-mm dia. (0.12-mm dia.)
E32-T14F
Heat-resis tant
Resists 150C*3; fiber sheath material: fluororesin (operating ambient temperature: -40j to C 150j C) Side-view; resists 150C*3 ; suitable for detecting minute sensing objects; fiber sheath material: fluororesin (operating ambient temperature: -40j to C 150j C) Resists 300C*5, with spiral tube; high mechanical strength; fiber sheath material: stainless steel (operating ambient temperature: -40j to 300j C C) Resists 200C*5; L-shaped; fiber sheath material: stainless steel
M4 screw 35
400
1.5-mm dia. (0.4-mm dia.)
E32-T51
35 mm
2-mm dia. 130
1.0-mm dia. (0.16-mm dia.)
E32-T54
M4 screw
1.0-mm dia. (0.12-mm dia.)
300 (3,000)
E32-T61
25 mm
1.7-mm dia. (0.12-mm dia.)
700
E32-T84S
Slot
Suitable for film sheet detection; no optical axis adjustment required; easy to mount Suitable for detecting wafers;
3-mm dia.
4.0-mm dia. (0.16-mm dia.)
10
E32-G14
25 mm
Narrow vision field
1.7-mm dia. (0.08-mm dia.)
1,000
E32-T22S
10 mm
Side-view; suitable for detecting wafers;
3.5 x 3 mm dia.
2-mm dia. (0.04-mm dia.)
700
E32-T24S
Area sensing through-b eam
Multi-point sensing (4-head)
M3 screw
300
2.0-mm dia. (0.04-mm dia.)
E32-M21
25 mm
Stable for detecting minute sensing objects in a wide area; degree of protection: IEC60529 IP50 Suitable for detecting over a 10-mm area; long distance
10 mm
(0.4-mm dia.)*6
600
E32-T16P
10 mm
1,500 700
(2.0-mm dia.)*6
E32-T16
25 mm
Note:
1. 2. 3. *1 *2 *3 *4 *5
For common specifications of the Fiber Unit, refer to page 6. The size of standard sensing object is the same as the fiber core diameter (lens diameter for models with lens). The sensing distance of the minimum sensing object indicates the rated sensing distance unless otherwise specified. Sensing distance indicates values for white paper. For continuous operation, use the products within the temperature ranging from -40j to 130j C C. Teflon is a registered trademark of the Dupont Company and the Mitsui Dupont Chemical Company for their fluoride resin. Indicates the heat-resistant temperature at the fiber tip. For further details, refer to page 26. Indicates values for the sensing distance of 100 mm.
3
E3X-NH
Reflective Sensors
Indicates models that allow free cutting. Models without this mark do not allow free cutting. : E3X-NHB : E3X-NH
Application Features Appearance Sensing distance (mm) * Min. sensing object (Copper strand) 0.012-mm dia. Model
E3X-NH
Permissible bending radius 25 mm
Long distance
M6
M6 screw 26 120 3-mm dia. 16 50 M4 screw
200
E32-D11L
3 dia.; small diameter M4
E32-D12
E32-D21L
3 dia.; small diameter
3-mm dia.
50
E32-D22L 0.012-mm dia.
150
General-purpose
M6
M6 screw 20
E32-DC200
25 mm
M3; small diameter
M3 screw 36
E32-DC200E
Thin fiber
2.5 dia.; with sleeve
90 mm (40 mm) 150 2.5 dia. M6 screw ( ): E32-DC200B4 20
0.012-mm dia.
E32-DC200B E32-DC200B4
25 mm
1.2 dia.; with sleeve
90 mm (40 mm) 1.2 dia. M3 screw ( ): E32-DC200F4 36
E32-DC200F E32-DC200F4
Minute object sensing (0.8 mm dia.) Flexible (R1) Possible to bend like electric wires (R1);
E32-D33
3-mm dia. 0.8-mm dia. 10
0.02-mm dia.
M6 screw 90
E32-D11R
1 mm
E32-D21R
M3 screw 14
Flexible (resists breaking) (R4)
Ideal for mounting on moving sections (R4)
90 M6 screw 12
0.012-mm dia.
E32-D11
4 mm
E32-D21
M3 screw 14
Coaxial reflective
M6 Coaxial; positioning accuracy 3-dia. Coaxial; positioning accuracy 2-dia. Coaxial; high-precision positioning possible; possible to mount small-spot (0.5-mm dia) lens (E39-F3A)
150 M6 screw 20 80 3-mm dia. 10
0.012-mm dia.
E32-CC200
25 mm
E32-D32L
E32-D32
2-mm dia. 40
Note:
1. For common specifications of the Fiber Unit, refer to page 6. 2. The size of standard sensing object is the same as the fiber core diameter (lens diameter for models with lens). 3. The sensing distance of the minimum sensing object indicates the rated sensing distance unless otherwise specified. In case of the reflective Fiber Units, however, the sensing distance indicates the distance where the smallest object can be sensed. * Sensing distance indicates values for white paper.
4
E3X-NH
Indicates models that allow free cutting. Models without this mark do not allow free cutting. : E3X-NHB : E3X-NH Application Features Appearance Sensing distance (mm) *1 Min. sensing object
0.015-mm dia.
E3X-NH
Model
Permissible bending radius 25 mm
Side-view reflective
6 dia.; long distance
6-mm dia. 40
E32-D14L
2 dia.; small diameter space-saving
2-mm dia. 15
0.012-mm dia.
E32-D24
Heat-resisting reflective
Teflon-covered*3; withstands chemicals and harsh environments (operating ambient temperature: -30j to 70j C C) Resists 150C*2; fiber sheath material: fluororesin (operating ambient temperature: -40j to 150j C C) Resists 300C*4; fiber sheath material: stainless steel (operating ambient temperature: -40j to 300j C C) Resists 400C*4; fiber sheath material: stainless steel (operating ambient temperature: -40j to 400j C C)
0.012-mm dia.
6-mm dia. 10 50
E32-D12F
40 mm
E32-D51
M6 screw 12 120
35 mm
E32-D61
M6 screw 45
25 mm
E32-D73
M4 screw 1.25-mm dia. 30
Retroreflective
Transparent object detection
M6 screw Reflector E39-R3 10 to 250
0.3-mm dia.
E32-R21 +E39-R3
25 mm
Transparent object detection (operating ambient temperature: -25j to 55j C C); degree of protection: IEC60529 IP66 Limited reflective Detects wafers and small differences in height; (operating ambient temperature: -40j to 105j C C); degree of protection: IEC60529 IP50
Reflector E39-R1
7.20.8
42
Detects wafers and small differences in height; degree of protection: IEC60529 IP50
3.3
3.3
Fluid-level detection
Fluid contact type: unbendable section L 150 mm, 350 mm (two types) Tube-mounting type
Note:
1. For common specifications of the Fiber Unit, refer to page 6. 2. The size of standard sensing object is the same as the fiber core diameter (lens diameter for models with lens). 3. The sensing distance of the minimum sensing object indicates the rated sensing distance unless otherwise specified. In case of the reflective Fiber Units, however, the sensing distance indicates the distance where the smallest object can be sensed. *1 Sensing distance indicates values for white paper. 2 For continous operation, use the products within the temperature ranging from -40C to 130C. * *3 Teflon is a registered trademark of the Dupont Company and the Mitsui Dupont Chemical Company for their fluoride resin. *4 Indicates the heat-resistant temperature at the fiber tip. For further details, refer to page 26.
AAA AAA
150 to 1,500
0.5-mm dia.
E32-R16 +E39-R1
0.012-mm dia.
E32-L25L
10 mm
E32-L24L
E32-L25
25 mm
E32-L25A
Pure water at 25j C Fluid
E32-D82F1 E32-D82F2 E32-L25T
40 mm
10 mm
5
E3X-NH
E3X-NH
Specifications
Item Output Model Indicator Ambient illumination Ambient temperature Ambient humidity Insulation resistance Dielectric strength Vibration resistance Shock resistance Degree of protection Connection method Weight (packed state) Material Accessory General-purpose models NPN E3X-NH11 PNP E3X-NH41 Timer-function models NPN E3X-NH21 PNP E3X-NH51 Mark-sens-ing models NPN E3X-NHB11
Operation indicator (orange LED), 8-level incident level indicator (green LED), 13-level threshold indicator (red LED) Incandescent lamp: 3,000 x max.; Sunlight: 10,000 x max. Operating:-25C to 55C (with no icing) Storage: -40C to 70C (with no icing) Operating: 35% to 85% (with no condensation) 20 M min. (at 500 VDC) 1,000 VAC at 50/60 Hz for 1 minute 10 to 55 Hz, 1.5-mm double amplitude or 300 m/s2 (approx. 30G) for 2 hrs each in X, Y, and Z directions 500 m/s2 (approx. 50G) for 3 times each in X, Y, and Z directions IEC60529 IP50 Prewired (standard cord length: 2 m) Approx. 100 g Case: PBT; Cover: Polycarbonate Mounting Brackets
Fiber Sheath Materials
E32-T11R, -T21R, -T22S, -T24S, -D11R, -D21R E32-T11, -T21, -T16P, -D11, -D21 E32-L25L, -L24L Other than the above Copolymer vinyl chloride Vinyl chloride Reinforced polyethylene Black polyethylene
Specifications of Models Other than those in the Left Table
Operating ambient temperature Operating ambient humidity Differential travel (Reflective models) Degree of protection -40C to 70C 35% to 85% (with no icing) 20% max. of sensing distance IEC 60529 IP67
6
E3X-NH
Attachments
Name Applications Model Appearance Applicable fibers With E3X NH11/41 E3X-NH11/41 Directivity Differential travel Ambient temperature Material ae a Shaft Lens Base Reflector Name Applications Model Appearance Applicable fibers With E3X-NH11/41 E3X NH11/41 Directivity Differential travel Ambient temperature Material ae a Shaft Lens Base Reflector Sensing distance Standard object E32-T11L 400 mm 20 to 60 --E39-F2
Through-beam (separate)
E3X-NH
Long Distance Lens Unit Increasing sensing distance E39-F1
Through-beam (separate)
E32-T11L Sensing distance Standard object 2,000 mm 5 to 40 ---
E32-TC200 E32-T61 3,000 mm
E32-T11R 2,100 mm
E32-T11 2,000 mm
Opaque objects: 4-mm dia. min.
E32-T61: -40C to 200C (Do not exceed the operating temperature of the fiber. ) Brass Optical glass ----Side-view Unit Changing the sensing direction at 90
E32-TC200 500 mm
E32-T11R 350 mm
E32-T61/11 400 mm
Opaque objects: 3-mm dia. min.
E32-T61: -40C to 200C (Do not exceed the operating temperature of the fiber.) Brass Optical glass -----
7
E3X-NH
Name Applications Lens-equipped Reflective Unit Converting through-beam sensors to reflective sensors
E3X-NH
Small Spot Lens Unit Detection over 0.5-mm-dia. spots E39-F3A
Reflective Reflective
Model Appearance Applicable fibers With E3X-NH11/41 Sensing distance (standard object) j) White paper
E39-F3
E32-T11L 10 to 300 mm*1 (20 x 20 cm)
E32-TC200 35 to 180 mm*1 (20 x 20 cm)
E32-T61
E32-T11R 25 to 120 mm (20 x 20 cm)
E32-T11 35 to 180 mm*1 (20 x 20 cm)
E32-D32 20 mm
Black paper
---
5 to 120 mm*1 (200 x 200 cm)
5 to 80 mm*1 (200 x 200 cm)
25 to 120 mm
5 to 70 mm*1 (200 x 200 cm)
White paper 25 x 25 mm
Directivity Differential travel Ambient temperature Material ae a Shaft Lens Base Reflector
--20% of sensing distance E32-T61: -40C to 200C (Do not exceed the operating temperature of the fiber.) Brass Optical glass Aluminum ---
--20% of sensing distance Operating: -40C to 70C Aluminum Optical glass -----
*1These values are possible when the angle of the E39-F3 is smallest (parallel).
Beam Spot Characteristics
E39-F3A with E32-D32
d Fiber E32-D32 : Spot diameter (mm)
Applications Model Appearance
Converting through-beam to reflective sensor E39-F5
Reflective
Focal length d (mm)
Name
Side-view Reflective Unit
: Insertion d: Focal distance 1.0
0.8 0.5
Applicable fibers With E3XNH11/41 Directivity Differential travel Ambient temperature Material ae a Shaft Lens Base Reflector Sensing distance (t d d (standard object) White paper Black paper
E32-TC200A 60 mm (10 x 10 cm) 5 to 20 mm (10 x 10 cm) --20% of sensing distance Operating: -40C to 70C ----Brass Stainless
Insertion distance
(mm)
8
E3X-NH
Spiral Tubes
Model Appearance E39-F32A5 E39-F32A E39-F32B5 E39-F32B E39-F32C5 E39-F32C E39-F32D5
E3X-NH
E39-F32D
Head connector C
Tube
End cap
Length (L) Head outer diameter (A) Head inner diameter (B) Tube outer diameter (C) Applicable fiber
500 mm 6 dia.
1,000 mm
500 mm
1,000 mm
500 mm 7 dia.
1,000 mm
500 mm 8.5 dia.
1,000 mm
M3 x 0.5, depth: 4 4.6 dia. E32-DC200E E32-DC200F(4) E32-D21 E32-TC200E E32-TC200F(4) E32-T21 E32-T21L
M4 x 0.7, depth: 4 5.6 dia. E32-TC200 E32-TC200B(4) E32-T11 E32-T51 E32-T11L
M6 x 0.75, depth: 4 7 dia. E32-DC200 E32-DC200B(4) E32-CC200 E32-D11 E32-D51 E32-D11L
Ambient temperature Ambient humidity Permissible bending radius Tensile strength Compression load
Operating: -40C to 150C (Do not exceed the operating temperature of the fiber) Operating: 35% to 85% 30 mm min. Between head connector and end cap with tube: 1.5 N S m (15 kgf S cm ) Tube: 2 N S m (20 kgf S cm) Tube: 29.4 N (3 kgf)
Accessories
Name Model Appearance
3 dia. 3.8 dia.
Fiber Cutter E39-F4
Fine-fiber Attachment E39-F9
Fiber Connector E39-F10
Sleeve Bender E39-F11
3.6 dia.
Features Applicable fiber
Used to cut fibers to desired lengths All models equipped with fibers that can be trimmed.
Used when inserting fine fibers into the amp E32-DC200E, -TC200E E32-DC200F(4), -TC200F(4) E32-D21, -D21L, -D22L E32-T21, -T21L, -T22L E32-D32, -T22 E32-D24. -T24 E32-D33 E32-R21, E32-D21R
Used to connect additional fibers for extension E32-DC200, -TC200 E32-DC200B(4), -TC200B(4) E32-TC200A E32-T14, -G14 E32-D11L, -T11L, -T12L E32-D14L, -T14L E32-T17L Sold Separately
Used to bend fiber sleeves E32-TC200B(4) E32-DC200F(4), -TC200F(4) E32-DC9G(4)
Provided with Fiber Units
9
E3X-NH
E3X-NH
Engineering Data
Excess Gain Ratio (Typical) With standard sensing object.
* E3X-NH 1
Excess gain ratio Excess gain ratio Excess gain ratio Sensing distance Sensing distance Excess gain ratio
E32-TC200
Sensing distance
E32-TC200 with E39-F1
E32-T11L
E32-T11L with E39-F1
Sensing distance
Sensing distance (mm)
Sensing distance (m)
Sensing distance (mm) Excess gain ratio
Sensing distance (m)
E32-T11L with E39-F2
Excess gain ratio Sensing distance
E32-T11L with E39-F3
Excess gain ratio
Sensing distance
Excess gain ratio
Sensing object
E32-T21L
Sensing distance
E32-T11R
Sensing distance
Sensing distance (mm) Excess gain ratio
Sensing distance (mm) Excess gain ratio
Sensing distance (mm) Excess gain ratio
Sensing distance (mm)
E32-T21R
Excess gain ratio Sensing distance
E32-T14L
Sensing distance
E32-T17L
Sensing distance
E32-T16
Sensing distance
Sensing distance (mm)
Sensing distance (mm)
Sensing distance (m)
Sensing distance (m)
E32-T22S
Excess gain ratio
Excess gain ratio
Excess gain ratio
Excess gain ratio
Excess gain ratio
Sensing distance Excess gain ratio
Excess gain ratio
E32-T14F
Sensing distance (mm)
E32-DC200
Sensing distance (mm) Sensing distance
E32-D11L
Sensing distance (mm) Sensing distance
Excess gain ratio
Sensing distance
E32-T24S
Sensing distance
E32-T84S
Sensing distance
E32-T54
Sensing distance
E32-D21L
Sensing distance (mm) Sensing distance
Sensing object
Sensing object
Sensing object
Sensing distance (mm)
Sensing distance (mm)
Sensing distance (mm)
Sensing distance (mm)
10
E3X-NH Excess Gain Ratio (Typical)
With standard sensing object
Excess gain ratio
E3X-NH
E32-D11R
Excess gain ratio Sensing distance Sensing object
E32-D21R
Sensing distance Sensing object
Sensing distance (mm)
Sensing distance (mm)
* E3X-NHB11
Excess gain ratio Sensing distance Excess gain ratio Excess gain ratio Sensing distance Sensing distance Excess gain ratio
E32-TC200
E32-TC200 + E39-F1
E32-D11
E32-D12
Sensing distance
Set distance (mm)
Set distance (mm)
Set distance (mm)
Set distance (mm)
Operating Range (Typical)
With standard sensing object at max. sensitivity.
* E3X-NH 1
Operating position Y (mm) Operating position Y (mm) Operating position Y (mm) Operating position Y (mm)
E32-T11L with E39-F3
E32-DC200
E32-D11L
E32-D12
Set distance X (mm)
Set distance X (mm)
Set distance X (mm)
Set distance X (mm)
Sensing object
Sensing object
Sensing object
Sensing object
E32-D21L
Operating position Y (mm)
E32-DC200E
Operating position Y (mm)
E32-D21
Operating position Y (mm)
E32-D11R
Operating position Y (mm)
Sensing object
Set distance X (mm)
Set distance X (mm)
Set distance X (mm)
Set distance X (mm)
Sensing object
Sensing object
Sensing object
E32-D21R
Operating position Y (mm)
Set distance X (mm)
E32-D11
Operating position Y (mm)
E32-CC200
Operating position Y (mm)
E32-D32
Operating position Y (mm)
Set distance X (mm)
Set distance X (mm)
Set distance X (mm) Sensing object
Sensing object
Sensing object
11
E3X-NH Operating Range (Typical)
With standard sensing object at max. sensitivity.
E3X-NH
E32-D32L
Operating position Y (mm)
E32-D33
Operating position Y (mm)
E32-D51
Operating position Y (mm)
E32-L25L
Operating position Y (mm)
Set distance X (mm)
Set distance X (mm)
Set distance X (mm)
Operating Sensing position Y object Sensing object Set distance X Set distance X
Set distance X (mm)
Sensing object
Sensing object
Sensing object
* E3X-NHB11 E32-DC200
Operating position Y (mm)
E32-D11L
Operating position Y (mm)
E32-CC200
Operating position Y (mm)
E32-D51
Operating position Y (mm)
Set distance X (mm)
Set distance X (mm)
Set distance X (mm)
Set distance X (mm)
Parallel Operating Range (Typical)
At max. sensitivity.
* E3X-NH 1
Parallel operating range Y (mm) Parallel operating range Y (mm) Parallel operating range Y (mm) Parallel operating range Y (mm)
E32-TC200
E32-TC200 with E39-F2
E32-T11L
E32-T11L with E39-F1
Set distance X (mm)
Set distance X (mm)
Set distance X (mm)
Set distance X (m)
Parallel operating range Y (mm)
E32-T11L with E39-F2
E32-T21L
Parallel operating range Y (mm)
Parallel operating range Y (mm)
E32-T22
E32-T11R
Parallel operating range Y (mm)
Set distance X (mm)
Set distance X (mm)
Set distance X (mm)
Set distance X (m)
12
E3X-NH
* E3X-NHB11
Parallel operating range Y (mm) Parallel operating range Y (mm) Parallel operating range Y (mm) Parallel operating range Y (mm)
At max. sensitivity.
Parallel operating range Y (mm)
E32-T24
E32-M21
E32-T24S
E32-T21R
E32-TC200
Set distance X (mm)
Set distance X (mm) Set distance X (mm) Set distance X (mm)
Parallel Operating Range (Typical)
E32-T54
E32-T11
E32-T14
E32-T51
Parallel operating range Y (mm)
Set distance X (mm)
Parallel operating range Y (mm) Parallel operating range Y (mm)
Parallel operating range Y (mm)
Parallel operating range Y (mm)
Set distance X (mm)
E32-TC200 + E39-F1
Set distance X (mm)
Set distance X (mm)
Set distance X (mm)
E32-T61
E32-T21
E32-T14F
Set distance X (mm)
E32-T17L
Parallel operating range Y (mm)
Parallel operating range Y (mm)
Set distance X (mm)
Parallel operating range Y (mm)
Parallel operating range Y (mm)
E32-T14L
E32-T12F
E32-T84S
E32-T22S
Operating position Y (mm)
Set distance X (mm)
Set distance X (mm)
Parallel operating range Y (mm)
Parallel operating range Y (cm)
Set distance X (m) Set distance X (m)
Parallel operating range Y (mm)
Set distance X (mm) Set distance X (mm)
Set distance X (mm)
E3X-NH
13
E3X-NH
E3X-NH
Nomenclature
E3X-NH11 (NPN) E3X-NH21 (NPN) E3X-NHB11 (NPN) E3X-NH41 (PNP) E3X-NH51 (PNP)
Operation Indicator (orange) ON when output is ON. Incident Level Indicators (green, 8 levels) ON depending on the incident light amount.
Threshold Indicators (red, 13 levels) Indicates threshold level.
SET Button For teaching or for fine threshold adjustment
UP/DOWN Selector (see note) Select UP for increasing the threshold value. Select DOWN for decreasing the threshold value.
Mode Selector Switchable among TEACH, ADJ, and RUN modes.
Operation Mode Selector Switchable between light-ON and dark-ON modes.
Note:
Used for making fine-sensitivity adjustments.
14
E3X-NH
E3X-NH
Operation
Output Circuits
Output Model Mode selector LIGHT ON (L/ON) State of output transistor Light ON
8-level incident level indicators (green)
Output circuit
Timing chart
NPN
E3X-NH11 E3X-NHB11
13-level threshold indicators (red)
Operation indicator (orange) Brown Black Photoelectric sensor main circuit Load
Light received Light not received Operation indicator ON (orange) OFF Output transistor Load (relay) ON OFF Operate Release (Between brown and black) Light received Light not received Operation indicator (orange) Output transistor Load (relay) ON OFF ON OFF Operate Release (Between brown and black)
Load Orange Alarm output 12 to 24 VDC Blue
Control output
DARK ON (D/ON)
Dark ON
E3X-NH21
LIGHT ON (L/ON)
Light ON
8-level incident level indicators (green)
13-level threshold indicators (red)
Operation indicator (orange) Brown Black Photoelectric sensor main circuit Load Load
Light received Light not received Operation indicator (orange) Output transistor Load (relay) ON OFF
Orange Alarm output 12 to 24 VDC Blue
Control output
ON OFF Operate Release
T: OFF-delay timer set to 40 ms Light received Light not received Operation indicator (orange) Output transistor Load (relay) ON OFF
DARK ON (D/ON)
Dark ON
ON OFF Operate Release
T: OFF-delay timer set to 40 ms
PNP
E3X-NH41
LIGHT ON (L/ON)
Light ON
8-level incident level indicators (green)
Light received 13-level threshold indicators (red) Operation indicator (orange) Brown Light not received Operation indicator (orange)
Control output
ON OFF ON OFF
Photoelectric sensor main circuit
12 to 24 VDC
Black Alarm output Orange Load Blue
Output transistor Load (relay)
Load
Operate Release (Between blue and black)
DARK ON (D/ON)
Dark ON
Light received Light not received Operation indicator ON (orange) OFF Output transistor Load (relay) ON OFF Operate Release (Between blue and black)
E3X-NH51
LIGHT ON (L/ON)
Light ON
8-level incident level indicators (green)
Light received Light not received 13-level threshold indicators (red) Operation indicator (orange) Brown Operation indicator (orange) Output transistor Load (relay) Load ON OFF
Photoelectric sensor main circuit
Control output
12 to 24 VDC
Black Alarm output Orange Load Blue
ON OFF Operate Release
T: OFF-delay timer set to 40 ms Light received Light not received Operation indicator (orange) Output transistor Load (relay) ON OFF
DARK ON (D/ON)
Dark ON
ON OFF Operate Release
T: OFF-delay timer set to 40 ms
15
E3X-NH Sensitivity Setting and Adjustment
E3X-NH
Refer to the following to select the most suitable sensitivity setting method. It is recommended that with/without-object teaching and manualtuning be tried first.
Using the Sensor at the Maximum Sensitivity
Application Examples Detection of passing objects with through-beam sensor. Detection of the existence of objects that interrupt light perfectly. Detection of objects with no background objects. Checking IC Tray Arrangements
Sensing Slight Differences
Application Examples Detection of slight differences in reflection. Detection of translucent objects. Detection of object surface irregularities. Color discrimination. Detecting IC Chips on Film Sheet
Sensitivity Setting Without Objects
Application Examples Detection of minute passing objects. Detection of lead wires. High-precision positioning.
Sensitivity Setting
Detecting Lead Frame Position
E3X-NH
E32-T16P
E3X-NH
Film sheet E32-D32
Lead frame
1. Maximum Sensitivity Setting
2. With/Without-object Teaching
3. Positioning/No-object Teaching
Fine-tuning, if required.
Fine-tuning on Production Lines
Occasion Marginal sensitivity adjustment is required considering the differences of objects. High-precision positioning of electronic parts is required. Detecting Lead Frame Rises Detecting Cassette Tape Cases Ensuring reliable detection without being influenced by the difference in color or mark.
Ideal Operation Under Frequently Changing Environments
Occasion Dust sticking to the fiber head. Sensing objects are slightly different to one another in color or surface conditions. Detecting Passing Chip Parts
E32-T16P
Sensitivity Adjustment (Fine-tuning)
Counting Number Of Pills
E32-T24
E3X-NH E3X-NH E32-L25A 3.3 mm
E3X-NH
A. Manual-tuning (Fine Sensitivity Adjustment)
B. Auto-tuning (Automatic Sensitivity Compensation)
16
E3X-NH Sensitivity Setting (Teaching)
Note:
E3X-NH
The sensitivity of the E3X-NH/NHB is factory-set to maximum. When resetting the sensitivity of the E3X-NH to maximum after with/ without-object teaching or positioning/no-object teaching, follow the steps described below.
1. Maximum Sensitivity Setting
1. Set the mode selector to TEACH. Press the SET button for three seconds minimum. Be sure that all the threshold indicators (red) are ON. The built-in buzzer beeps once when the threshold indicators are ON.
2. With/Without-object Teaching
1. Set the mode selector to TEACH. Locate the sensing object in the sensing area and press the SET button once. Be sure that all the threshold indicators (red) are ON. The built-in buzzer beeps once when the threshold indicators are ON.
Press for 3 s min.
Press once for 0.5 to 2.5 s
2. The sensitivity will be set when the built-in buzzer beeps continuously and all the incident level indicators (green) are ON.
Through-beam Model
Reflective Model
Mark
Light is interrupted. Base
Reflective Model
3. Set the mode selector to RUN. Be sure that only the bottom threshold indicator is ON.
2. Move the object and press the SET button. If teaching is OK: All the incident level indicators (green) are ON. The built-in buzzer beeps once.
Press once for 0.5 to 2.5 s
17
E3X-NH
If teaching is NG: The threshold indicator (red) flashes. The built-in buzzer beeps 3 times. Change the position of the object and the sensing distance that have been set and repeat from the beginning.
E3X-NH
3. Positioning/No-object Teaching
1. Set the mode selector to TEACH. Press the SET button once without a sensing object in the sensing area. Be sure that all the threshold indicators (red) are ON. The built-in buzzer beeps once when the threshold indicators are ON.
Press again once for 0.5 to 2.5 s Press once for 0.5 to 2.5 s
Through-beam Model
Reflective Model
Mark
2. Set the mode selector to RUN. The threshold is set automatically.
Use the manual tuning function for making fine adjustments.
Light is received. Base
Reflective Model
3. Set the mode selector to RUN. Be sure that the middle threshold indicator is ON, which means the threshold will be set to the middle between the values obtained with and without the sensing object.
18
E3X-NH Sensitivity Adjustment (Tuning)
A. Manual-tuning (Fine Sensitivity Adjustment)
Note: The auto-tuning function will be disabled if manual-tuning is executed. 1. After setting the sensitivity of the E3X-NH, select the adjustment direction with the UP/DOWN selector in the ADJ mode.
E3X-NH
B. Auto-tuning (Automatic Sensitivity Compensation)
1. Set the mode selector to TEACH. Press the SET button once without a sensing object in the sensing area. Be sure that all the threshold indicators (red) are ON. The built-in buzzer beeps once when the threshold indicators are ON.
(2) (1) Press for 0.5 to 2.5 s
2. Press the SET button in ADJ mode. Be sure that the threshold changes whenever the SET button is pressed. If two threshold indicators are ON, the threshold will be set to the middle value between the values corresponding to these indicators.
2. Set the mode selector to ADJ and press the SET button for three seconds minimum. Be sure that the threshold indicator (red) flashes. The built-in buzzer beeps continuously.
(2) Press for 3 s min. Press for 0.5 to 2.5 s (1)
3. Set the mode selector to RUN.
3. Set the mode selector to RUN. The threshold indicator (red) will continue to flash while the the auto-tuning function is enabled.
19
E3X-NH Threshold Setting and Indicators at Sensitivity Setting
Threshold indicators
E3X-NH
Level
1
2
3
4
5
6
7
8
9
10
11
12
13
Maximum Sensitivity Setting * Use the Through-beam Sensor for detection of opaque objects. * Use the Reflective Sensor for detection of objects with no
background objects. The threshold will be set to a level slightly higher than the no-light received by the E3X-NH if the sensitivity is set to maximum for the detection of objects that completely interrupt light or the incident of the Sensor is very low. Reflective Sensor The number of lit indicators of the incident level indicators will depend on the incident. The bottom indicator of the threshold indicators is ON.
Large Sensing object Sensing object
With/Without-object Teaching * Ideal for the detection of object surface irregularities or minute
objects.
*
Ideal for the detection of objects with background objects reflecting light irregularly. 1. With/Without-object Teaching Reflective Sensor:
Sensing Fiber object head Fiber head Large Light Small
Large Light Small
Light Threshold Incident Threshold level indicator indicator
Press the SET button with the sensing object in the sensing area.
Press the SET button without sensing object in the sensing area.
Small
Large Light Small Threshold
Set the threshold to the middle value between the values obtained with and without the sensing object. 2. RUN/ADJ Mode Reflective Sensor: The number of lit indicators of the incident level indicators depends on the incident. At the time of manual-tuning, it is possible to adjust the threshold in six levels. The default threshold is set to 7.
Large Sensing object Threshold Light Incident Threshold level indicator indicator Small
20
E3X-NH
Positioning/No-object Teaching * Ideal if it is impossible to perform teaching
object stationary in the sensing area.
E3X-NH
Through-beam (Dark-ON) Fiber Unit 1. Press the SET button without sensing object in the sensing area. Tentatively set the threshold to the value that is 6% of the incident level.
Large
with the sensing
* *
Ideal for high-precision positioning. Ideal for teaching with only background objects for the detection of bright or dark objects.
Reflective (Light-ON) Fiber Unit 1. Press the SET button without sensing object in the sensing area. Tentatively set the threshold to the value that is 6% of the incident level.
Large
Threshold Light 6% 6% Threshold Incident level without background object or sensing object.
Small Threshold 6% Light 6% Threshold Incident level without background object or sensing object.
Note:
Small
If the incident is low at the time of teaching and the threshold cannot be set to the position corresponding to -6% of the incident level, the sensitivity will be set to maximum automatically when the E3X-NH is in RUN mode. 2. Detecting the first object in RUN/ADJ mode.
Incident Threshold level indicator indicator
Note:
If the incident is low at the time of teaching and the threshold cannot be set to the position corresponding to -6% of the incident level, the sensitivity will be set to maximum automatically when the E3X-NH is in RUN mode. 2. Detecting the first object in RUN/ADJ mode.
Large Sensing object The Photoelectric Sensor works in reflective operation because the incident increases. Threshold 6% Small The number of lit indicators of the incident level indicators depends on the incident. The threshold is set to 7.
Large 6% Threshold 18% Light The Photoelectric Sensor works in through-beam operation because the incident decreases. Sensing object 18% Tuning range
Small
The number of lit indicators of the incident level indicators depends on the incident. The threshold is set to 7.
Light
18% Tuning range
18% Incident Threshold level indicator indicator
Threshold vs. Indicators after Auto-tuning Setting
1. Set the initial threshold by performing positioning/no-object teaching in TEACH mode. 2. Press the SET button for three seconds minimum in ADJ mode.
Large Tuning range
18% Threshold Initial threshold for auto-tuning Light Incident Threshold level indicator indicator Small The number of lit indicators of the incident level indicators depends on the incident. The threshold is set to 7.
18%
Taking into consideration the vibration of the sensing objects on the in-line operation, sample the incident with the first five sensing objects after setting the threshold and set the threshold again to the middle value between the highest and lowest incident values obtained with the sensing objects. The E3X-NH will then perform auto-tuning within a range of 18% of this value.
21
E3X-NH
E3X-NH
3. With sensing objects passing. The threshold is automatically compensated within the tuning area that has been preset. When the threshold is automatically compensated, the threshold indicator will be flash according to the adjusted value.
Large Threshold compensation
Light
Threshold indicator Small *T *T Time
The threshold is compensated 1, 3, 6, 10, 15, 22, and 30 minutes after the E3X-NH/NHB is turned on. After that, the threshold is compensated every 30-minute period.
Note:
1. The alarm signal is output if the threshold compensation range is not within the tuning range. 2. Perform sensitivity setting again if the alarm signal is output.
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Amplifier
E3X-NH 1 E3X-NHB11
Operation indicator Threshold indicators (A) (see note)
Incident level indicators Two, 2.4 dia.
Note:
The mounting bracket can be attached to this side.
Two, 3.2-dia. holes
Mounting bracket
Cord: Polyvinyl chloride-covered cord 4-mm dia. (18/0.12 dia), 4 cores Standard length: 2 m Weight: Approx. 100 g
Two, mounting holes
22
E3X-NH Fiber Units
Through-beam (Sold in Pairs)
Indicates models that allow free cutting. Models without this mark do not allow free cutting.
E3X-NH
E32-T11L
1.4 dia. Two hexagon clamping nuts (T = 2.4) Two toothed washers (for M4) Sensing head (nickel-plated Optical fiber, 2.2 dia. brass) M4 x 0.7
E32-T12L
1.4 dia. 2.4 dia.Sensing head (nickel-plated brass) 3 dia. Optical fiber, 2.2 dia.
E32-T21L
Two hexagon clamping nuts Two toothed washers Sensing head M3 x 0.5 (nickel-plated brass) Optical fiber, 1 dia. Fiber attachment (E39-F9)
E32-T22L
Fiber attachment (E39-F9) 0.9 dia. 1.8 dia. Sensing head, 2 dia. (stainless) Heat-shrinkable tubing Optical fiber, 1 dia.
0.9 dia.
E32-TC200
Two hexagon clamping nuts Two toothed washers Sensing head M4 x 0.7 (nickel-plated brass)
E32-TC200B E32-TC200B4
1.2 1.0 dia. dia max. Stainless tube (SUS304)
Two hexagon clamping nuts Two toothed washers Sensing head M4 x 0.7 (nickel-plated brass)
1.0 dia.
Optical fiber, 2.2 dia. Optical fiber, 2.2 dia. (see note)
Note:
The value in the parentheses is for the E32-TC200B4.
Two hexagon clamping nuts Two toothed washers Sensing head M3 x 0.5 (nickel-plated brass) Optical fiber, 1 dia.
E32-T22
Fiber attachment (E39-F9) 0.5 dia. Sensing head Heat-shrinking tubing SUS303 1.4 dia.
E32-TC200E
0.5 dia.
Fiber attachment (E39-F9)
Optical fiber, 1 dia.
2 dia.
E32-TC200F E32-TC200F4
Stainless tube 0.5 dia. (SUS304) 0.9 dia. min.
Two hexagon clamping nuts Two toothed washers Sensing head M3 x 0.5 (nickel-plated brass) Optical fiber, 1 dia.
Fiber attachment (E39-F9)
Note:
(see note)
The value in the parentheses is for the E32-TC200F4.
E32-TC200A
Two hexagon clamping nuts Two toothed washers 1.0 dia. 2.6 dia. Sensing head M3 x 0.5 (nickel-plated brass)
E32-T11R
151-0.075 dia.
Two hexagon clamping nuts Two toothed washers Sensing head M4 (nickel-plated brass)
Optical fiber, 2.2 dia. 3 dia. Optical fiber, 2.2 dia.
23
E3X-NH
E32-T21R
Two hexagon clamping nuts Two toothed washers Sensing head M3 (nickel-plated brass) 3 dia. Optical fiber, 2.2 dia.
E3X-NH
E32-T11
Sensing head Sixteen, (nickel-plated 0.265 dia. brass) M4 x 0.7 M2.6 x 0.45
151-0.037 dia.
Two hexagon clamping nuts Two toothed washers Protective tube Optical fiber, 2.2 dia.
E32-T21
Sensing head (nickel-plated brass) M3 x 0.5
Four, 0.25 dia. Two hexagon clamping nuts Two toothed washers Protective tube Optical fiber, 1 dia.
Fiber attachment (E39-F9)
E32-T14L
Sensing head, 3 dia. (stainless) Heat-shrinking tubing Optical fiber, 2.2 dia.
3 dia. Sensing surface
E32-T24
Fiber attachment (E39-F9) Sensing head 1 dia. SUS304 Heat-shrinking tubing 1.4 dia. Optical fiber, 1 dia. 2 dia.
E32-T14
Lens unit (PMMA) 4.4 dia. Heat resistive ABS Nitrile rubber
E32-T17L
Sensing head (ABS) M14 x 1 10-mm-dia. lens (PMMA) Two hexagon clamping nuts Optical fiber, 2.2 dia.
Optical axis
Two, 3.2 dia.
Optical fiber, 2.2 dia.
E32-T12F
4-mmdia. lens
Sensing head, 5 dia.
Fluoride resin
4 dia.
Optical fiber, 2.2 dia.
E32-T14F
Sensing head, 5 dia. Fluoride resin 4 dia. Optical fiber, 2.2 dia.
Optical axis
24
E3X-NH
E32-T16
E3X-NH
Mounting Holes
Sensing head (heat-resistive ABS)
Two, M3
0.5-mm Wide Slit Seal (Supplied with the Unit in pairs)
1-mm Wide Slit Seal (Supplied with the Unit in pairs)
Black Lens (2 x 10) (PMMA) Two, 3.2 dia.
Black
6 dia.
Mounting bracket E39-L4
Fiber 2.2 dia.
E32-T16P
0.5-mm-wide Slit Seal (Supplied with the Unit in pairs)
Two, 3.2 dia., 6-dia. counter sinking
E32-T16P with E39-L94 (Sold Separately) Mounting
Two, M3
Sensing surface (2 x 11) (PMMA)
Black
Sensing head (heat-resistive ABS)
1-mm-wide Slit Seal (Supplied with the Unit in pairs)
Sensing head
Optical fiber 2.2-dia. Black
2.2-dia. fiber
E39-L94 Mounting Bracket (Sold Separately)
25
E3X-NH
E32-M21
Note:
Two hexagon clamping nuts Two toothed washers Silicone tube (see note) Plastic fibers, four, 1 dia.
E3X-NH
One set of silicone tubes is black while the other set is grey for easy identification when they are connected to the emitter and receiver.
Sensing head M3 x 0.35 (SUS303)
Sleeve
E32-T51
1.5 dia.
Two hexagon clamping nuts Two toothed washers Sensing head M4 x 0.7 (nickel-plated brass) Optical fiber, 2.2 dia.
Note:
2.85 dia.
Resistant temperature is 150C. Resistant temperature is 130C when used continuously.
E32-T54
Sensing surface
3 dia.
Note:
Resistant temperature is 150C. Resistant temperature is 130C when used continuously.
2 dia. Sensing head (stainless) Optical fiber, 2.2 dia.
E32-T61
1.0 dia. Two hexagon clamping nuts SUS flexible tube Two toothed washers Hexagon clamping screw Sensing head M4 x 0.7 2.8 dia. 4 dia. 5 dia. Sleeve (SUS303) 4 dia.
(See note)
Note:
Section A resists 300C and section B (which is inserted to the Amplifier) resists 110C. The operating temperature of the section to be inserted (marked with *) must be within the operating temperature range of the Amplifier.
E32-T84S
2,000 (standard length)
(See note)
3 dia.
4 dia.
2.9-dia flexible tube (stainless)
4 dia.
5 dia.
Sleeve
3.5 dia. Sensing head (stainless)
3 dia.
Lens (2 dia.)
Note:
Section A resists 200C and section B (which is inserted to the Amplifier) resists 110C. The operating temperature of the section to be inserted (marked with *) must be within the operating temperature range of the Amplifier.
26
E3X-NH
Reflective
Indicates models that allow free cutting. Models without this mark do not allow free cutting.
E3X-NH
E32-D11L
Two, 1.4 dia. Two hexagon clamping nuts Two toothed washers Sensing head (nickel-plated brass) M6 x 0.75 4 dia. Two optical fiber,2.2 dia.
E32-D12
2,000 (standard length) 3 dia.
Two, 1 dia.
Sensing head (stainless)
Heat-shrinking tubing
Optical fibers, two, 2.2 dia.
E32-D21L
Two hexagon clamping nuts Two toothed washers Two, 0.9 dia.
Sensing head M4 x 0.7 (nickel-plated brass) Optical fiber, two, 1 dia.
Two fiber attachments (E39-F9)
E32-D22L
Two, 0.9 dia. 2.7 dia.
Sensing head 3 dia. (nickel-plated brass) Optical fiber, two, 1 dia.
Two fiber attachments (E39-F9)
E32-DC200
Two, 1.0 dia.
4 dia.
Two hexagon clamping nuts Two toothed washers Sensing head M6 x 0.75 (ADC) Optical fiber,2.2 dia.
E32-DC200B E32-DC200B4
Stainless 2.5 dia. Two, 1.0 dia. tube (SUS304) max.
Two hexagon clamping nuts Two toothed washers Sensing head M6 x 0.75 (nickel-plated brass)
Note:
Optical fiber,2.2 dia.
(see note)
The value in the parentheses is for the E32-DC200B4.
E32-DC200E
Two fiber attachments (E39-F9) Two, 0.5 dia.
Two hexagon clamping nuts Two toothed washers Sensing head M3 x 0.5 (SUS304)
Optical fiber, two, 1 dia.
27
E3X-NH
E32-DC200F E32-DC200F4
Two, 0.5 dia.
Stainless tube (SUS304) 1.2 dia. max. Two hexagon clamping nuts Two toothed washers Sensing head M3 x 0.5 (SUS304)
E3X-NH
Two, fiber attachment (E39-F9)
Optical fiber, two, 1 dia.
(see note)
Note:
The value in the parentheses is for the E32-DC200F4.
E32-D11R
E32-D21R
Two, 151-0.075 dia. 4 dia.
Two hexagon clamping nuts Two toothed washers
Sensing head M6 (ADC)
Optical fiber, two, 2.2 dia.
Two, 151-0.037 dia.
Two, fiber attachment (E39-F9)
Two hexagon clamping nuts Two toothed washers Sensing head M3 (nickel-plated brass) Optical fiber, two, 1.0 dia.
E32-D11
Sixteen, 0.265 dia. Sensing head (SUS303) M6 X 0.75 Two hexagon clamping nuts Two toothed washers Protective tube Optical fiber, two, 2.2 dia.
E32-D21
Sensing head (nickel-plated brass) M3 x 0.5 Two hexagon clamping nuts Four, Two toothed washers 0.25 dia. Protective tube Optical fiber, two, 1 dia.
Two, fiber attachment (E39-F9)
E32-D33
Two, 0.25 dia. 0.8
Sensing head dia.(SUS303) 3
Two, fiber attachment (E39-F9) dia. Heat-shrinking tubing Optical fiber, two, 1 dia.
E32-CC200
Sixteen, 0.25 dia. for light reception 1.0 dia. for light emission 2.5 dia.
Two hexagon clamping nuts Two toothed washers Sensing head M6 x 0.75 (nickel-plated brass)
Optical fiber, two, 2.2 dia.
Note:
The fiber for the emitter is identified by a white line.
Two fiber attachments (E39-F9)
E32-D32
Light emission fiber (0.5 dia.) Light reception fiber (four, 0.25 dia.)
Sensing head (SUS303) Heat-shrinking Optical fibers, two, 1 dia. 2 dia. 3 dia. tubing
Note:
The fiber for the emitter is identified by a white line.
28
E3X-NH
E32-D32L
Light emission fiber (1 dia.) Light reception fiber (sixteen, 0.265 dia.) Sensing head, 3 dia. (stainless)
E3X-NH
Branching box, 6 dia. Optical fibers, two, 2.2 dia. (heat-resistive ABS black resin)
Note:
The fiber for the emitter is identified by a yellow dotted line.
Sensing head (stainless) Optical fiber, two, 2.2 dia. Heat-shrinking tubing
E32-D14L
6 dia. Light baffle
Sensing surface
E32-D24
Two fiber attachments (E39-F9)
Sensing head (SUS304) Heat-shrinking tubing Optical fibers, two, 1 dia. 2 dia. 3 dia.
Light baffle
Sensing surface
E32-D12F
Sensing head, 6 dia. Fluoride resin 5 dia. Optical fiber, two, 2.2 dia.
E32-D51
Two, 1.5 dia.
Two hexagon clamping nuts Two toothed washers Sensing head,M6 x 0.75*
Optical fiber, two, 2.2 dia.
*nickel-plated brass
Note:
Resistant temperature is 150C. Resistant temperature is 130C when used continuously.
E32-D61
Two hexagon clamping nuts Two toothed washers Sensing head SUS 1.4 dia. M4 x 0.7 (SUS303) M6 x 0.75 flexible 5 dia. 3.5 dia. tube
Hexagon clamping 5 dia. screw
SUS303
Sleeve
(see note)
Note:
Section A resists 300C and section B (which is inserted to the Amplifier) resists 110C. The operating temperature of the section to be inserted (marked with *) must be within the operating temperature range of the Amplifier.
29
E3X-NH
E32-D73
1.0 dia. Sensing head 1.25 dia.1.65 dia. 2.5 dia. Two hexagon clamping nuts Two toothed washers M4 x 0.7 (SUS303) SUS flexible tube 2.8 dia. 4 dia. Hexagon clamping SUS303 Sleeve screw 5 dia.
E3X-NH
(see note)
Note:
Section A resists 400C, section B resists 300C, and section C (which is inserted to the Amplifier) resists 110C. The operating temperature of the section to be inserted (marked with *) must be within the operating temperature range of the Amplifier.
Two fiber attachments (E39-F9)
E32-R21
(One E39-R3 Reflector is supplied with the Sensor.)
Sensing Two hexagon clamping nuts Lens head Two washers (PMMA) (ABS) M6 x 0.75 Silicone tube 5 dia.
Optical fibers, two, 1 dia.
E32-R16
(One E39-R1 Reflector is supplied with the Sensor.)
Sensing head (ABS)
Lens (PMMA)
Optical fiber, two, 2.2 dia. Standard length: 2 m Two, M3 screws (attachment) Mounting bracket (attachment)
E32-L25
E32-L25A
Sensing distance
Sensing distance
Optical fiber, two, 2.2 dia.
Sensing head (heat resistive ABS) Two, 3.2 dia., 6 dia. spot facing
Sensing head (heat resistive ABS)
Two, 3.2 dia., 6 dia. spot facing
Optical fiber, two, 2.2 dia.
Note:
The fiber for the emitter is identified by a white line.
30
E3X-NH
E32-L25L
Sensing distance Two fiber attachment (E39-F9) Optical fiber two, 1-dia.
E3X-NH
Lens, two, 3.2 dia.
Sensing head (PC) Two, 3.2 6 dia. counter sinking
E32-L24L
Lens, two, 3.2 dia. Side view prism (PC)
Two fiber attachment (E39-F9)
Optical axis Optical fiber two, 1-dia.
Sensing head (PC) Two, 3.2 6 dia. counter sinking
Fine Through-beam
Indicates models that allow free cutting. Models without this mark do not allow free cutting.
E32-T22S
1.7 dia.
Sensing head (nickel-plated brass) 3 dia.
Optical fiber 2.2-dia.
E32-T24S
Sensing head (nickel-plated brass) Optical fiber 2.2 dia. 3.5 dia.
Mounting bracket (attachment)
2 dia. Sensing surface
31
E3X-NH Slot Sensor
E32-G14
Sensing head (ABS)
E3X-NH
Mounting Holes
Two, M3 Lens (PMMA) Optical axis
Optical fiber, two, 2.2 dia.
Liquid Level Fiber Units
Fluid-contact model E32D82F1 F32D82F2
6-dia. sensing head (Teflon) 9-dia. fiber connector (Nickel plated brass) 8 dia. Optical fiber, two, 2.2 dia.** To amplifier
Not bendable: 150 (350)*
*: Values in parentheses indicate dimensions for the E32-D82F2. **: The optical fiber on the Amplifier side (2m) is a plastic fiber and can be freely cut.
Tube-mounting model E32-L25T
Two 3.2-dia lens (PC)
Optical axis
Two fiber attachments
Optical fiber, two, 1 dia.
Mounting hole Sensing head (PC) 2,000 (Standard length)
Reflector
Reflector (Miniature) E39-R3 (Supplied with E32-R21)
Adhesive tape
Reflector E39-R1 (Supplied with E32-R16)
Two, 3.5 dia.
Note:
Mounting bracket is attached.
Two, M3
32
E3X-NH Attachments
E39-F1 Long-distance Lens Unit
M2.6 Effective depth: 3.2 Spot facing depth: 0.9 4 dia.
E3X-NH
E39-F2 Side-view Unit
2.8 dia. M2.6 x 0.45 Effective depth: 3.8 Spot facing depth: 0.9
E39-F3 Lens-equipped Reflective Unit
Two, 4 dia. M3 toothed washers Two, M3 x 3 Slotted head machine screw E39-F1 Lens Unit
4 dia.
Two, 3.2 dia. M3 x 6 Angle fixing screw
Note:
One set includes two units.
Note:
One set includes two units.
E39-F5 Side-view Reflective Unit
Sensing hole Two, 3.2 dia. Two, 3.2 dia. Mounting hole Two, M3 Fiber Unit mounting holes (E32-TC200A)
E39-F3A Small Spot Lens Unit
M2 x 2 4 dia. 6 dia. Lens (3.7 dia.) 2.1 dia.
Note:
When mounting, remove all of the accompanying screws first and then screw the E32-TC200A into the E39-F5 until the stopper comes into contact.
Installation
Connection
Connection with S3D2 Sensor Controller
Blue Black Brown +12 V 0V IN1
Note:
A maximum of two E3X-NH Sensors can be connected. Power supply voltage Output Relay AND, OR AND, OR, and timer Flip-flop Transistor Relay AND, OR, and timer 2 inputs, 2 outputs, 2 inputs, 2 outputs, and timer AND, OR AND, OR, and timer Functions S3D2-AK S3D2-CK S3D2-BK S3D2-CC S3D2-DK S3D2-EK S3D2-AKD S3D2-CKD Model
100 to 240 VAC
24 VDC
33
E3X-NH
E3X-NH
Precautions
Be sure to heed the following precautions to fully utilize the capabilities of the E3X-NH/NHB. When supplying power to the E3X-NH/NHB, make sure that the poGeneral larity of the power is correct, otherwise the E3X-NH/NHB may be Do not impose any voltage exceeding the rated voltage on the E3Xdamaged. NH/NHB. Do not impose 100 VAC or more on models that operate The load must be connected to the E3X-NH/NHB in operation, with DC. In both cases, the E3X-NH/NHB may be damaged. otherwise the E3X-NH/NHB may be damaged. Do not short-circuit the load connected to the E3X-NH/NHB, otherwise the E3X-NH/NHB may be damaged.
Fiber Unit
Tightening Force
The tightening force applied to the Fiber Unit should be as follows: Screw-mounting Model
Spring mounting clip Toothed washers
Fiber Connection and Disconnection
The E3X-NH/NHB Amplifier has a lock button. Connect or disconnect the fibers to or from the E3X-NH/NHB Amplifier using the following procedures: 1. Connection
Lock button
Nuts (attachment) Fiber
Fiber insertion mark
Cylindrical Model
Retaining screw (M 3 max.) Clamping torque 3 kgf S cm max.
Remove the protective cover, insert the fiber into the Amplifier, and lower the lock button until a click is heard. After cutting the fiber using the E39-F4 Fiber Cutter, put an insertion mark on the fiber as a guide for correct insertion into the Amplifier, and then insert the fiber up to this mark. 2. Disconnection Remove the protective cover and raise the lock lever to pull off the fiber. (Before removing the fiber, be sure to confirm that the lock is released so as to maintain the fiber properties.)
Protective cover
Fiber Units M3/M4 screw M6 screw 2-mm-dia. column 3-mm-dia. column E32-D14L E32-T12F E32-D12F E32-T16 E32-R21 E32-M21
Clamping torque 0.78 N S m (8 kgf S cm) 0.98 N S m (10 kgf S cm) 0.29 N S m (3 kgf S cm) 0.29 N S m (3 kgf S cm) 0.98 N S m (10 kgf S cm) 0.78 N S m (8 kgf S cm) 0.78 N S m (8 kgf S cm) 0.49 N S m (5 kgf S cm) 0.59 N S m (6 kgf S cm) Up to 5 mm to the tip: 0.49 N S m (5 kgf S cm) Up to 5 mm from the tip: 0.78 N S m (8 kgf S cm) 0.78 N S m (8 kgf S cm) 0.29 N S m (3 kgf S cm)
Locked Unlocked
3. The fiber must be locked or released in a temperature range of -10C to 40C.
E32-L25A E32-T16P E32-T24S E32-L24L E32-L25L
Use a proper-sized spanner.
34
E3X-NH
Fiber Insertion
If the portion from the tip to the insertion mark of the fibers are not inserted into the Amplifier Unit, the sensing distance will be reduced. 2.2-mm-dia. Fiber
Insert to the portion from the tip to the insertion mark of each fiber into the Amplifier Unit.
E3X-NH
Use either one of the two holes on the right (refer to the following figure) to cut a thin fiber as follows: 1. An attachment is temporarily fitted to a thin fiber before shipment.
Thin fiber attachment (E39-F9) Amplifier Unit
Temporarily fitted
Fiber Unit 12.6 mm
2. Secure the attachment after adjusting the position of it in the direction indicated by the arrow.
Thin Fiber with the E39-F9 Attachment
The portion from the tip to the insertion mark of each fiber into the Amplifier Unit. Amplifier Unit
3. Insert the fiber into the E39-F4 to cut.
Fiber Unit 12.6 mm Cutter E39-F4 Two holes for thin fiber Amplifier Unit Three holes for standard fiber (2.2-mm dia.)
Fiber with Fixed Length
The portion from the tip to the insertion mark of each fiber into the Amplifier Unit.
4. Finished state (proper cutting state)
12.6 mm Approx. 0.5 mm
Cutting Fiber
Insert a fiber into the Fiber Cutter and determine the length of the fiber to be cut. Press down the Fiber Cutter in a single stroke to cut the fiber. An insertion mark can be placed on the fiber to serve as a reference when inserting the fiber into the Amplifier. Use the following procedure. Confirm through the Cutter hole that the fiber is inserted beyond the insertion mark hole so that the insertion mark is properly indicated, and then press firmly down on the Cutter.
(2) 20 mm min.
Note:
Insert the fiber in the direction indicated by the arrow.
Connection
Do not pull or press the Fiber Units. The Fiber Units have a withstand force of 9.8 N (1 kgf) or 29.4 N (3 kgf) (pay utmost attention because the fibers are thin). Do not bend the Fiber Units beyond the permissible bending radius. Do not bend the edge of the Fiber Units (excluding the E32-TjR and E32-DjR).
Correct
(1) Amplifier Unit Fiber Unit
Insert the fiber into the Amplifier up to the insertion mark. Proper fiber performance will not be achieved unless the fiber is inserted all the way to the insertion mark. (This method is applicable to standard, 2.2-mm-diameter fibers only.)
12.6 Insertion mark
20 mm min.
Incorrect
2.2-dia.
The cutting holes cannot be used twice. If the same hole is used twice, the cutting face of the fiber will be rough and the sensing distance will be reduced. Always use an unused hole.
35
E3X-NH
Do not apply excess force on the Fiber Units.
Fiber Unit Nylon wireholder
E3X-NH
Bending Radius
E39-F11 Sleeve Bender The bending radius of the stainless tube should be as large as possible. The smaller the bending radius becomes, the shorter the sensing distance will be. Insert the tip of the stainless tube to the Sleeve Bender and bend the stainless tube slowly along the curve of the Sleeve Bender (refer to the figure).
1.2 dia. 1.2 dia. 1.3 dia. max. max. min. R 10 R 12.5 A one-turn loop can absorb vibrations. R 7.5 Fiber tip position mark R5
Correct
Metal holder
Incorrect
The Fiber Head could be break by excessive vibration. To prevent this, the following is effective:
Tape
Stainless tube
90o max.
10
10 Do not bend here.
Amplifier Units
Mounting
Mounting 1. Mount the front part on the mounting bracket (attachment) or a DIN track. 2. Press the back part onto the mounting bracket or the DIN track. Note: Do not mount the back part onto the mounting bracket or the DIN track first and then mount the front part on the mounting bracket or the DIN track, or the mounting strength of the Amplifier Unit may decrease. Dismounting By pressing the Amplifier Unit in direction (3) and lifting the fiber insertion part in direction "4" as shown in the following, the Amplifier can be dismounted with ease.
(4)
DIN track (3)
(2) (1) DIN track
In the case of side mounting, attach the mounting bracket on the Amplifier first, and secure the Amplifier with M3 screws and washers. The diameter of the washers should be 6 mm max.
Washers (6 dia. max.)
36
E3X-NH
Turning the Power ON After the E3X-NH/NHB is turned ON, the E3X-NH/NHB will be ready to operate in 100 ms maximum. If power is supplied to the E3X-NH and the load is connected to the E3X-NH/NHB independently, be sure to turn ON the power supply connected to the E3X-NH/NHB first. When the power is turned ON, the operation indicator will be ON momentarily. Note that this will not have an effect on performance since no control output will be generated. Mutual Interference Protection Function Perform two-point teaching if two to three Fiber Units are closely mounted together, at which time supply power only to the Unit in teaching operation in turn or block the emitters of the Fiber Units not in teaching operation. EEPROM Writing Error Write errors may result at the time of teaching due to power failure or static noise, in which case the Unit beeps and the operation indicators flash. If any of these occur, re-input teaching using the teaching button on the Amplifier. Minute Sensing Object This datasheet shows typical examples for detecting minute objects. These typical examples are for reference use only, because these example operations were tested on Units sampled at random from a lot and the values described are average values. Do not assume that all Units ensure such operations.
E3X-NH
Others When the power is OFF: The moment power is turned OFF, the E3X-NH/NHB may output a pulse signal which could affect the operation of the devices connected to it. This will occur more often if power is supplied to the E3X-NH from an external power supply, thus affecting the connected timer and counter. Use a built-in power supply as much as possible to avoid this. In a case where the cord is extended, use a wire with 0.3 mm2 min. The total length of the cord should be 100 m max. Power supply: If a standard switching regulator is used as a power supply, the frame ground (FG) terminal and the ground (G) terminal must be grounded, or otherwise the E3X-NH can malfunction influenced by the switching noise of the power supply. The supplied voltage must be within the rated voltage range. Unregulated full- or half-wave rectifiers must not be used as power supplies. Do not lay wiring to the Optical Sensor together with power lines in the same piping or ducts. Doing so will cause induction between the lines, possibly resulting in faulty operation or destruction. Always lay wiring to the Optical Sensor in separate or dedicated piping.
Power line
Attachment Units
Applications
E39-F10 Fiber Connector Use the following procedure (refer to the figure) to connect fibers via the Fiber Connector.
Splice Retention unit Retention unit Protective spiral tube Fiber Unit
Protective Spiral Tube Insert a fiber to the Protective Spiral Tube from the head connector side (screwed) of the tube.
Push the fiber into the Protective Spiral Tube. The tube should be straight so that the fiber is not twisted when inserted. Then turn the end cap of the spiral tube.
Fiber Unit
Each Fiber Unit should be as close as possible before they are connected. Sensing distance will be reduced by approximately 25% when fibers are connected. Only fibers with a 2.2-mm dia. can be connected. (Refer to page 9 for applicable Fiber Units.)
Protective spiral tube
Fiber Unit
Secure the Protective Spiral Tube on a suitable place with the attached nut.
Mounting panel Hexagon clamping nut
Fiber Unit Protective spiral tube Toothed washer
37
E3X-NH
Use the attached saddle to secure the end cap of the Protective Spiral Tube. To secure the Protective Spiral Tube at a position other than the end cap, apply tape to the tube so that the portion becomes thicker in diameter.
E3X-NH
! WARNING
The E3X-NH/NHB is not a safety component for ensuring the safety of people as defined in EC Directive 91/368/EEC, or as covered by separate European standards or by any other regulations or standards.
Saddle Tube
End cap
Reflector
Observe the Following Precautions when Using the Reflector (E39-R3) Use detergent, etc., to remove any dust or oil from the surfaces where tape is applied. Adhesive tape will not be attached properly if oil or dust remains on the surface. The E39-R3 cannot be used in places where it is exposed to oil or chemicals.
38
E3X-NH
E3X-NH
39
E3X-NH
E3X-NH
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. E258-E1-3
In the interest of product improvement, specifications are subject to change without notice.
OMRON Corporation
Industrial Sensors Division Sensing Devices and Components Division H.Q. 28th Fl., Crystal Tower Bldg. 1-2-27, Shiromi, Chuo-ku, Osaka 540-6028 Japan Phone: (81)6-949-6012 Fax: (81)6-949-6021
Printed in Japan 0698-1.5M (0297) a
40


▲Up To Search▲   

 
Price & Availability of E3X-NH21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X